Part Number Hot Search : 
I74F112D AD730 PFRA250 FDW9926 AD711 CLM4322N B89PV670 P6KE36
Product Description
Full Text Search
 

To Download IMS7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IMS 7 Series
7 Watt DC-DC Converters
Wide input voltage ranges up to 75 V DC 1 or 2 outputs up to 48 V DC 1500 V DC I/O electric strength test voltage
* Magnetic feedback for single output models * Short circuit protection * Industry standard 2" x 1" case with 10.5 mm profile
Selection chart
Output 1 Output 2 Input voltage Type Uo nom Io nom Uo nom Io nom Ui [V DC] [mA] [V DC] [mA] [V DC] 3.3 1200 14...36 24 IMS 7-03-9 3.3 1200 36...75 48 IMS 7-03-9 5.1 1200 14...36 24 IMS 7-05-9 5.1 1200 36...75 48 IMS 7-05-9 12 600 14...36 24 IMS 7-12-9C 12 600 36...75 48 IMS 7-12-9C 15 480 14...36 24 IMS 7-15-9C 15 480 36...75 48 IMS 7-15-9C 5 700 5 700 14...36 24 IMS 7-05-05-9 5 700 5 700 36...75 48 IMS 7-05-05-9 12 300 12 300 14...36 24 IMS 7-12-12-9 12 300 12 300 36...75 48 IMS 7-12-12-9 15 240 15 240 14...36 24 IMS 7-15-15-9 15 240 15 240 36...75 48 IMS 7-15-15-9 24 150 24 150 14...36 24 IMS 7-24-24-9 24 150 24 150 36...75 48 IMS 7-24-24-9 1 For minimum order quantities and lead times contact Power-One. 2 Option M, C, L and Z exclude each other. Options 1, 2
M, C, L, Z M, C, L, Z M, C, L, Z M, C, L, Z
M, C, L, Z M, C, L, Z M, C, L, Z M, C, L, Z M, C, L, Z M, C, L, Z M, C, L, Z M, C, L, Z
www.power-one.com
Edition 3/04.2001
1
Board Mountable
Input
Input voltage range 24 IMS 7 48 IMS 7
IMS 7 Series
14...36 V DC 36...75 V DC
Output
Output voltage setting accuracy Ui nom , 50% lo nom , single output models 1% Uo nom Ui nom , 50% lo nom, double output, main/aux. output 1.5 % Uo nom Minimum load recommended for double output models 10% lo nom Line/load regulation Ui min...Ui max, 50% lo nom , single output models 1% Uo nom Line regulation Ui nom , 50% lo nom, double output models, main output 1% Uo nom Load regulation Ui nom , 10...100% lo nom, double output models 3% Uo nom tracking output 3% Uo nom Output voltage switching noise Ui nom , 0...100% lo nom , peak-peak, total max. 1.5% Uo nom Efficiency Ui nom , lo nom up to 84%
Control and protection
Input protection Overload protection No-load protection Remote shut down Trim input for Uo suppressor diode Ui min...Ui max, any load fully protected, hiccup mode yes TTL-compatible inhibit input disabled with 2.4 V yes
Safety and EMC
Electric strength test voltage Electromagnetic interference I/O 1500 V DC class B
Environmental
Operating ambient temperature Storage temperature Relative humidity MTBF
Ui nom, lo nom non operational non condensing GB 40C, MIL-HDBK-217F, N2
-40...71C -40...100C 93% 1'650'000 h
Options
SMD version SMD version Open frame version C-pinout with pins with PCB lid M L Z C
Accessories
DIN and chassis mounting bracket
www.power-one.com
Edition 3/04.2001
2
IMS 7 Series
Mechanical data
Tolerances 0.3 mm (0.012") unless otherwise indicated.
7 Watt DC-DC Converters
European Projection
IMS 7
S09030
50.8 (2") 3.4 (0.13") 3.81(0.15")
0.8 x 1.2 (0.03 x 0.05") Pins 1.6 (0.06) PCB holes
3 x 5.08 (0.2")
3.81(0.15")
4 3.81(0.15")
10
4.6 (0.18") Measuring point of case temperature TC
45.7 (1.8")
PT 2.2 self tapping screws
1.27 (0.05")
IMS 7 (option Z)
S90002
48 (1.9") 1
3 x 5.08 (0.2")
4 3.5 (0.14") 43.2 (1.7")
10
1.2 (0.5")
IMS 7 (option C)
09032
50.8 (2") 35.5 (1.4") 0.5(0.02") 15.2 (0.6")
1(0.04")
1 2
4 5
20.3 (0.8")
25.4 (1")
5.8 (0.2")
3
8.25 (0.32")
1 (0.04") Pins 1.2 (0.05") PCB holes
12.5 (0.49")
Measuring point of case temperature TC
3.4 (0.13")
23 (0.9")
5 x 3.81 (0.15")
14
25.4 (1")
1
20.3 (0.8")
5 x 3.81 (0.15")
14
www.power-one.com
Edition 3/04.2001
3
Board Mountable
IMS 7 SMD version (option M)
3 x 5.08 (0.2")
50.8 (2") 14
IMS 7 Series
0.8 x 1.2 (0.03 x 0.05") Pins
3.81(0.15")
4 42.4 (1.67") Measuring point of case temperature TC
10
S09031
4.2 (0.17")
IMS 7 SMD version (option L)
50.8 (2")
18
25.4 (1")
1
5 x 3.81 (0.15")
Foot print
1
Pin allocation IMS 7, option M and Z
Pin 1 2 3 4 10 11 12 13 14 Single output Vi+ Vi- i n.c. Vo- Vo+ Vo- R n.c. Dual output Vi+ Vi- i R (Trim) Vo1- Vo1+ Vo2- Vo2+ n.c.
SMD version (option L)
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 Single output Vo Go n.c. n.c. n.c. n.c. n.c. n.c. n.c. n.c. i no pin no pin n.c. n.c. n.c. Vi- Vi+ Dual output Vo1 Go Vo2 n.c. n.c. n.c. n.c. n.c. Trim n.c. i no pin no pin n.c. n.c. n.c. Vi- Vi+
C pinout (option C)
Pin 1 2 3 4 5 Single output Vi+ Vi- Vo+ no pin Vo- Dual output Vi+ Vi- Vo+ Go Vo-
10.5 (0.41")
Measuring point of case temperature TC
90001
8 x 5 (1.9")
www.power-one.com
Edition 3/04.2001
2.8 (0.11")
24 (0.94")
25.4 (1")
3.6 (1.4")
4


▲Up To Search▲   

 
Price & Availability of IMS7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X